Electronic Components Datasheet Search
  English  ▼

X  

E JUNCTION C5 Datasheet (PDF) - pro-elec

E JUNCTION C5 Datasheet PDF - pro-elec
Part # E JUNCTION C5
Download  E JUNCTION C5 Download
File Size   144.85 Kbytes
Page   2 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description 3 Way Surge Protection Leads

E JUNCTION C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
E JUNCTION C5 Datasheet PDF - pro-elec

Part # E JUNCTION C5
Download  E JUNCTION C5 Click to download

File Size   144.85 Kbytes
Page   2 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description 3 Way Surge Protection Leads

E JUNCTION C5 Datasheet (HTML) - pro-elec


E JUNCTION C5 Product details

Current Rating : 13 A, 250 V





Similar Description - E JUNCTION C5

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FS-LB-I PF-FS-LB-I Datasheet
642Kb / 4P
Surge Protection Barrier
P-LB-1.A.13 PF-P-LB-1.A.13 Datasheet
799Kb / 4P
Surge Protection Barrier
P-LB-1.B.12 PF-P-LB-1.B.12 Datasheet
803Kb / 4P
Surge Protection Barrier
P-LB-1.C.123 PF-P-LB-1.C.123 Datasheet
812Kb / 4P
Surge Protection Barrier
P-LB-1.D.1234 PF-P-LB-1.D.1234 Datasheet
816Kb / 4P
Surge Protection Barrier
P-LB-2.D.123456 PF-P-LB-2.D.123456 Datasheet
826Kb / 4P
Surge Protection Barrier
logo
PHOENIX CONTACT
2907325 PHOENIX-2907325 Datasheet
133Kb / 8P
Surge protection device - TTC-3-1X2-24DC-PT
09/12/2020
2801050 PHOENIX-2801050 Datasheet
439Kb / 6P
Surge protection device - CN-UB-280DC-3-BB
12/24/2021
2801051 PHOENIX-2801051 Datasheet
384Kb / 6P
Surge protection device - CN-UB-280DC-3-SB
12/24/2021
logo
Eaton All Rights Reserv...
SG13309 EATON-SG13309 Datasheet
1Mb / 36P
Surge Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com